PART |
Description |
Maker |
TPC8006-H |
Field Effect Transistor Silicon N Channel MOS Type (High Speed U-MOSII) High Speed and High Efficiency DC .DC Converters Portable Equipment Applications Notebook PC Applications
|
TOSHIBA
|
ADCMP562BRQ ADCMP561 ADCMP561BRQ ADCMP562 ADCMP561 |
Dual High Speed PECL Comparator 20 - Lead QSOP Dual High Speed PECL Comparator 16 - Lead QSOP (ADCMP561 / ADCMP562) Dual High Speed PECL Comparators Dual High Speed PECL Comparators COMPARATOR, 10000 uV OFFSET-MAX, PDSO20 Dual High Speed PECL Comparators 双高速PECL的比
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
LT1057 LT1057AC LT1057ACH LT1057ACJ LT1057ACJ8 LT1 |
Dual and Quad/ JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps DUAL OP-AMP, 1400 uV OFFSET-MAX, 5 MHz BAND WIDTH, CDIP8 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers 16-SO 0 to 70 Dual and Quad, JFET Input Precision, High Speed Op Amps Dual and Quad JFET Input Precision High Speed Op Amps From old datasheet system Dual Precision, High Speed, JFET Input Op Amp(精密,高速,结型场效应管输入双路运算放大 Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
Linear Technology Corporation LINER[Linear Technology] Black Box, Corp.
|
IDTQS3861Q IDTQS3861 IDTQS3861SO IDTQS3861PA QS386 |
QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH The QS3861 provides a set of ten high-speed CMOS TTL-compatible bus switches. High-Speed CMOS 10-Bit Bus Switch with Flow-Thru Pinout
|
INTEGRATED DEVICE TECHNOLOGY INC IDT[Integrated Device Technology]
|
ACT-PS512K8W-012L2I ACT-PS512K8Y-017L2T ACT-PS512K |
High speed 4 Megabit plastic monolithic SRAM. Options burn-in. Speed 12ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle & burn-in. Speed 17ns. High speed 4 Megabit plastic monolithic SRAM. Options none. Speed 10ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle. Speed 15ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle & burn-in. Speed 25ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle & burn-in. Speed 20ns.
|
Aeroflex Circuit Technology
|
KM68257C-12 KM68257CJ-12 KM68257CJ-20 KM68257CL-12 |
32Kx8 bit high speed static RAM (5V operating), 20ns 32Kx8 bit high speed static RAM (5V operating), 15ns 32Kx8 bit high speed static RAM (5V operating), 12ns 32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range. 32Kx8位高速静态RAM5V的工作(,进化引脚了。在商业温度范围工作
|
Samsung Electronic SAMSUNG[Samsung semiconductor] Samsung Semiconductor Co., Ltd.
|
BC846-BC850 Q62702-C1746 Q62702-C1772 Q62702-C1885 |
From old datasheet system NPN Silicon AF Transistors (For AF input stages and driver applications High current gain) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
AD9260 AD9260AS AD9260EB |
16-Bit High Speed Oversampled A/D Converter High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
|
AD[Analog Devices]
|
2SC3307 |
TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE. HIGH SPEED AND HIGH VOLTAGE SWITCHING APPLICATIONS. SWITCHING REGULATOR APPLICATIONS. HIGH SPEED DC-DC CONVERTER APPLICATIONS.
|
TOSHIBA
|
24LC64-E/ST 24LC64-E/SN 24LC64-I/MS 24AA64-I/MS 24 |
High-Speed/Low-Power Microcontrollers SERIAL EEPROM|8KX8|CMOS|TSSOP|8PIN|PLASTIC 串行EEPROM的| 8KX8 |的CMOS | TSSOP封装| 8引脚|塑料 High-Speed Microcontroller
|
Microchip Technology, Inc.
|
KSC2335 KSC2335OTU KSC2335R KSC2335RTU KSC2335Y KS |
NPN Epitaxial Silicon Transistor High Speed, High Voltage Switching High Speed/ High Voltage Switching
|
FAIRCHILD[Fairchild Semiconductor]
|